Part Number Hot Search : 
25160LI MCL2630 LTC13 2N5416 TGP210 GBU8M RHFXH MC310
Product Description
Full Text Search
 

To Download NRELX330M6310X9F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
HIGH CV, RADIAL LEADS, POLARIZED FEATURES * EXTENDED VALUE AND HIGH VOLTAGE * NEW REDUCED SIZES CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current @ 20C W.V. (Vdc) S.V. (Vdc) C<1,000F C=2,000F Max. Tan @ 120Hz/20C C=3,300F C=4,700F C=6,800F C=10,000F W.V. (Vdc) Low Temperature Stability Z-25C/Z+20C Inpedance Ratio @ 120Hz Z-40C/Z+20C Load Life Test at Rated W.V. +85C 2,000 Hours
NRE-LX Series
RoHS Compliant
includes all homogeneous materials
*See Part Number System for Details 6.3 ~ 250Vdc 4.7 ~ 10,000F -40 ~ +85C 20%(M) 6.3 ~ 50Vdc CV<1,000F 0.1CV + 40A (1 min.) .03CV + 15A (5 min.) 35 44 0.14 0.16 0.18 35 2 4 50 63 0.12 014 50 2 3 CV>1,000F 0.04CV + 100A (1 min.) 0.02CV + 25A (5 min.) 450 500 0.20 450 7 350 ~ 450Vdc 1.5 ~ 68F -25 ~ +85C
0.01CV or 3A whichever is greater after 2 minutes 6.3 10 16 25 8.0 13 20 32 0.26 0.22 0.18 0.16 0.28 0.24 0.20 0.18 0.30 0.26 0.22 0.20 0.32 0.28 0.24 0.22 0.36 0.32 0.28 0.44 0.40 6.3 10 16 25 6 4 4 3 12 10 8 6 Capacitance Change Tan Leakage Current
160 200 250 350 400 200 250 300 400 450 0.20 0.20 0.20 0.20 0.20 160 200 250 350 400 3 3 3 5 5 Within 25% of initial measured value Less than 200% of specified maximum value Less than specified maximum value
PERMISSIBLE RIPPLE CURRENT STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm) (mA rms AT 120Hz AND 85oC)
Working Voltage (Vdc) Cap. Code (F) 6.3 10 16 25 35 50 100 101 8x9 150 151 8x9 10x9 220 221 8x9 10x9 330 331 8x9 10x9 10x9 470 471 8x9 8x9 8x9 10x9 12.5x16 680 681 8x9 10x9 10x9 12.5x16 12.5x16 16x16 1,000 102 10x9 10x9 12.5x16 16x16 16x20 2,200 222 12.5x16 12.5x16 16x16 16x20 18x20 18x25 3,300 332 12.5x16 16x16 16x20 18x20 18x25 4,700 472 18x16 16x20 18x20 18x25 6,800 682 16x20 18x20 18x25 10,000 103 18x20 18x25 Cap. (F) 100 150 220 330 470 680 1,000 2,200 3,300 4,700 6,800 10,000 6.3 380 420 550 1080 1100 1200 1550 1700 10 380 510 550 1080 1120 1550 1650 2150 Working Voltage (Vdc) 16 25 320 350 410 380 460 510 760 940 1100 1400 1500 1550 1600 2000 2050 35 260 360 420 760 950 1500 1850 50 240 320 700 810 1050 1650 -
PART NUMBER SYSTEM NRELX 102 M 35V 16X16 F...
RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
76
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRE-LX Series
PERMISSIBLE RIPPLE CURRENT STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm) (mA rms AT 120Hz AND 85oC)
Cap. (F) 1.5 2.2 3.3 4.7 6.8 10 22 33 47 68 100 150 220 Code 1R5 2R2 3R3 4R7 6R8 100 220 330 470 680 101 151 221 Working Voltage (Vdc) 160 200 250 350 400 450 8x9 8x9 10x9 8x9 10x9 10x9 8x9 8x9 8x9 10x9 10x9 8x9 8x9 10x9 12.5x16 12.5x16 12.5x16 10x9 10x9 10x9 12.5x16 12.5x16 16x16 12.5x16 16x16 18x16 16x20 12.5x16 12.5x16 16x16 18x16 16x20 18x20 12.5x16 16x16 18x16 16x20 18x20 18x25 16x16 18x16 16x20 18x25 18x25 16x20 16x20 18x20 18x20 18x25 18x25 18x25 Cap. (F) 1.5 2.2 3.3 4.7 6.8 10 22 33 47 68 100 150 220 160 54 60 85 175 220 353 478 595 771 200 54 60 85 175 313 380 478 671 Working Voltage (Vdc) 250 350 37 54 49 69 94 85 100 156 220 270 270 330 330 414 455 507 671 400 35 40 49 94 100 226 282 350 455 450 19 29 35 77 131 208 259 333 -
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim.
Polarity Marking
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Frequency (Hz) 1.5 ~ 6.8F 10 ~ 68F 100 ~ 1,000F 2,200 ~ 10,000F 60 0.65 0.80 0.80 0.80 120 1.00 1.00 1.00 1.00 500 1.20 1.20 1.10 1.05 1K 1.30 1.30 1.15 1.10 10K > 1.50 1.50 1.20 1.15
8 0.6 3.5 0.5
10 0.6 5.0 0.5
12.5 0.6 5.0 0.5
16 0.8 7.5 0.5
18 0.8 7.5 0.5
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
max. L< 16mm = 1.5mm, L> 20mm = 2.0mm
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
77


▲Up To Search▲   

 
Price & Availability of NRELX330M6310X9F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X